Part Number Hot Search : 
UFT14130 LRC63201 LSU426 CY14B DS4311D TA2062 MAX28 PN222
Product Description
Full Text Search
 

To Download CDEP10406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDEP104, CDEP104B
Product Description
10.4x10.4mm Max.(LxW),4.5mm Max. Height. Both standard type and Low DCR type of CDEP104 are available. Inductance range: 0.220.25H(CDEP104 Standard type);
0.360.43H(CDEP104 Low D.C.R type ); 0.4H(CDEP104B).
Saturation Current range: 11.839.6A(CDEP104 Standard type ) ;
7.024.2A(CDEP104 Low D.C.R type); 28.0A (CDEP104B).
Temperature rise current 5.018.0A(CDEP104),16.0A(CDEP104B) In addition to the standards versions shown here, custom inductors are also available to meet your exact requirements.
Feature
Super high current inductors. Mn-Zn core used, Flat wire used. Ideally used in portable computer CPU power supply. RoHS Compliance
Dimensions (mm)
10.0 0.4 M a x .4 . 5 2. 6 0. 1 2 .6 0 .1 2 .9 3 .8 1. 4 0. 1
10 .0 0. 4
Land Pattern (mm)
11.0
8.5
5. 5 0. 2
Schematics (Bottom)
2.9
3.8
2.5
2.0
Please refer to the sales offices on our website for a representative near you www.sumida.com
1/3
POWER INDUCTORS
Type: CDEP104, CDEP104B
Specification(CDEP104)
1.Low D.C.R. type
Part Name CDEP1O4NP-OR3N-88 Inductance Within 100kHz/1V 0.36H30 0.8H20 1.4H20 2.2H20 3.2H20 4.3H20 D.C.R. (m) Max.(Typ.) (at 20) 2.2(1.8) 3.7(3.1) 5.9(4.9) 11.8(9.8) 18.6(15.5) 21.8(18.2) Saturation Current A1 (at 20) 24.2 16.2 12.2 9.8 8.1 7.0 (at100) 20.8 14.0 10.5 8.6 7.0 6.0 Temperature rise current (A) 2 18.0 13.4 10.2 7.3 5.4 5.0
Stamp
0R3NL
CDEP1O4NP-OR8M-88 0R8ML CDEP1O4NP-1R4M-88 CDEP1O4NP-2R2M-88 CDEP1O4NP-3R2M-88 CDEP1O4NP-4R3M-88 2.Standard type Part Name CDEP1O4NP-OR2N-5O CDEP1O4NP-OR4M-5O CDEP1O4NP-OR8M-5O CDEP1O4NP-1R3M-5O CDEP1O4NP-1R8M-5O CDEP1O4NP-2R5M-5O 1R4ML 2R2ML 3R2ML 4R3ML
Stamp
Inductance Within 100kHz/1V 0.22H30 0.45H20 0.8H20 1.3H20 1.8H20 2.5H20
D.C.R. (m) Max.(Typ.) (at 20) 2.2(1.8) 3.7(3.1) 5.9(4.9) 11.8(9.8) 18.6(15.5) 21.8(18.2)
Saturation Current A1 (at 20) 39.6 27.6 20.7 16.6 13.3 11.8 (at100) 31.6 22.1 16.6 13.3 10.7 9.5
Temperature Rise current (A) 2 18.0 13.4 10.2 7.3 5.4 5.0
0R2NS 0R4MS 0R8MS 1R3MS 1R8MS 2R5MS
Description of part name
CDEP1O4NP-OR2N-5O B C Box Carrier Tape
1 Saturation current: The DC current at which the inductance decreases to 65% (for the inductance tolerance :30%) or 75% (for the inductance tolerance:20%) of it's nominal. 2 Temperature rise current:The DC current at which the temperature rise is t40. (Ta20)
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/3
POWER INDUCTORS
Type: CDEP104, CDEP104B
Specification(CDEP104B) Part Name : CDEP1O4BNP- OR4M
Between12 Inductance D.C.R. Saturation Current 1 .. .. .. Within Measuring conditions
..(..)
Temperature rise current 2
Description of part name
D E P 1 O 4 B N PO R 4 M Box Carrier Tape
1.Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value 2 Temperature rise current:The DC current at which the temperature rise is t40.(Ta20)
Please refer to the sales offices on our website for a representative near you www.sumida.com
3/3


▲Up To Search▲   

 
Price & Availability of CDEP10406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X